PART |
Description |
Maker |
MAX306-MAX307 MAX307 MAX307CPI MAX307CWI MAX307EPI |
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers Precision 16-Channel/Dual 8-Channel High-Performance CMOS Analog Multiplexers Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:19; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-19 Precision / 16-Channel/Dual 8-Channel / High-Performance / CMOS Analog Multiplexers Precision.16-Channel/Dual 8-Channel.High-Performance.CMOS Analog Multiplexers 高精度6通道/通道、高性能、CMOS模拟多路复用
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
FDMQ8203 |
100V Dual N-Channel and Dual P-Channel PowerTrenchMOSFET, GreenBridgeSeries of High-Efficiency Bridge Rectifiers GreenBridgeTM Series of High-Efficiency Bridge Rectifiers Dual N-Channel and Dual P-Channel PowerTrench? MOSFET N-Channel: 100 V, 6 A, 110 mΩ P-Channel: -80 V, -6 A, 190 mΩ
|
Fairchild Semiconductor
|
UPA675T UPA675T-T1 UPA675T-T2 UPA675T-A |
100 mA, 16 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING N-channel enhancement type MOS FET
|
NEC
|
FOD050LR2V FOD050LV FOD250LTV FOD250LS FOD250LV FO |
SO-8 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler 3.3V; Package: SOIC-W; No of Pins: 8; Container: Tape & Reel 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER SO-8 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler 3.3V; Package: SOIC-W; No of Pins: 8; Container: Box 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER 8-Pin DIP 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler 3.3V; Package: DIP-W; No of Pins: 8; Container: Bulk 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER FOD050L, FOD250L: Single Channel FOD053L: Dual Channel LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
MAX747 MAX747C_D MAX747CPD MAX747CSD MAX747EPD MAX |
High-Efficiency PWM, Step-Down P-Channel DC-DC Controller High-Efficiency PWM Step-Down P-Channel DC-DC Controller High-Efficiency PWM / Step-Down P-Channel DC-DC Controller Parallel-Load 8-Bit Shift Registers 16-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MG100J6ES50 E002053 |
Silicon N-Channel IGBT for High Power Switching and Motor Control Application(用于大功率转换和电机控制的硅 N沟道绝缘栅双极型晶体 硅N沟道IGBT的大功率开关和电机控制中的应用(用于大功率转换和电机控制的沟道绝缘栅双极型晶体管) N CHANNEL IGBT (HIGH PWER SWITCHING, MOTOR CONTROL APPLICATIONS) N CHANNEL IGBT (HIGH PWER SWITCHING / MOTOR CONTROL APPLICATIONS) From old datasheet system
|
Toshiba, Corp. Toshiba Semiconductor
|
MAX891L 1690 MAX892LC_D MAX891LC_D MAX892LC/D MAX8 |
Current-limited 500mA, high-side P-channel switch with thermal shutdown. On-resistance 0.12omega Current-Limited, High-Side P-Channel Switches with Thermal Shutdown From old datasheet system 2A / Current-Limited / High-Side P-Channel Switch with Thermal Shutdown Current-limited 250mA, high-side P-channel switch with thermal shutdown. On-resistance 0.25omega
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
PS2532L-1 PS2532L-1-V-E3 PS2532-1-V-A PS2532L-1-E3 |
1 CHANNEL DARLINGTON OUTPUT OPTOCOUPLER 2 CHANNEL DARLINGTON OUTPUT OPTOCOUPLER HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
|
Duracell CEL[California Eastern Labs]
|
VND810SP VND810SP13TR |
20 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 双通道高边驱动 DOUBLE CHANNEL HIGH SIDE DRIVER DOUBLE CHANNEL HIGH SIDE DRIVER
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HAT1025R-EL-E HAT1025R-15 |
4.5 A, 20 V, 0.15 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET 3.95 X 4.90 MM, PLASTIC, FP-8DAV, SOP-8 Silicon P Channel Power MOS FET High Speed Power Switching
|
Renesas Electronics, Corp. Renesas Electronics Corporation
|
STK417-130 STK417-000 STK417-090 STK417-0X0 |
2 CHANNEL HIGH EFFICIENCY AF POWER AMPLIFIER 2-Channel High Effiency AF Power Amplifier 50W x 2 ~ 100W X 2
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
GT15Q301 |
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS) Silicon N-Channel IGBT for High Power Switching Application(用于大功率转换的N沟道绝缘栅双极型晶体
|
http:// TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|